Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP-L Datasheet(PDF) 3 Page - Cree, Inc

Part # MP-L
Description  Cree® XLamp® MP-L EasyWhite™ LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MP-L Datasheet(HTML) 3 Page - Cree, Inc

  MP-L Datasheet HTML 1Page - Cree, Inc MP-L Datasheet HTML 2Page - Cree, Inc MP-L Datasheet HTML 3Page - Cree, Inc MP-L Datasheet HTML 4Page - Cree, Inc MP-L Datasheet HTML 5Page - Cree, Inc MP-L Datasheet HTML 6Page - Cree, Inc MP-L Datasheet HTML 7Page - Cree, Inc MP-L Datasheet HTML 8Page - Cree, Inc MP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
relative sPectral PoWer distriBution (i
f = 150 ma Per led)
The following graph represents typical spectral output of the XLamp MP-L easyWhite LeD with all LeDs on simultane-
ously.
electrical characteristics (t
J = 25°c)
The following graph represents typical electrical characteristics of an individual string of XLamp MP-L easyWhite LeDs.
Relative Spectral Power Distribution (If = 150 mA)
The following graph represents typical spectral output of the XLamp MPL-EZW LED.
Relative Flux Output vs. Junction Temperature (If = 150 mA)
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
Electrical Characteristics (Tj = 25ºC)
The following graph represents typical electrical characteristics of each of the three individual strings of the XLamp MPL-EZW LED.
0
50
100
150
200
250
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
Forward Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com