Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM-L Datasheet(PDF) 2 Page - Cree, Inc

Part # XM-L
Description  Cree® XLamp® XM-L LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L Datasheet(HTML) 2 Page - Cree, Inc

  XM-L Datasheet HTML 1Page - Cree, Inc XM-L Datasheet HTML 2Page - Cree, Inc XM-L Datasheet HTML 3Page - Cree, Inc XM-L Datasheet HTML 4Page - Cree, Inc XM-L Datasheet HTML 5Page - Cree, Inc XM-L Datasheet HTML 6Page - Cree, Inc XM-L Datasheet HTML 7Page - Cree, Inc XM-L Datasheet HTML 8Page - Cree, Inc XM-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
xlamp xm-l leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2010-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
fluX characteristics (tJ = 25°c)
The following table provides several base order codes for XLamp XM-L LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XLamp XM-L Binning and Labeling document.
color
cct range
Base order codes
min luminous flux @
700 ma (lm)
order code
min.
max.
Group
flux (lm)
Cool White
5,000 K
8,300 K
T5
260
XMLAWT-00-0000-0000T5051
T6
280
XMLAWT-00-0000-0000T6051
Neutral White
3,700 K
5,000 K
T4
240
XMLAWT-00-0000-000LT40e4
T5
260
XMLAWT-00-0000-000LT50F4
Warm White
2,600 K
3,700 K
T2
200
XMLAWT-00-0000-000LT20e7
T3
220
XMLAWT-00-0000-000LT30F7
Notes:
• Cree maintains a tolerance of ± 7% on flux and power measurements and ± 2 on CRI measurements .
• Typical CRI for Cool White (5,000 K – 8,300 K CCT) is 65.
• Typical CRI for Neutral White (3,700 K – 5,000 K CCT) is 75.
• Typical CRI for Warm White (2,600 K – 3,700 K CCT) is 80.
characteristics
characteristics
unit
minimum
typical
maximum
Thermal Resistance, junction to solder point
°C/W
2.5
Viewing Angle (FWHM)
degrees
125
Temperature coefficient of voltage
mv/°C
-3.0
ESD Classification (HBM per Mil-Std-883D)
Class 2
DC Forward Current
mA
3000
Reverse voltage
v
5
Forward voltage (@ 700 mA)
v
2.9
3.5
Forward voltage (@ 1500 mA)
v
3.1
Forward voltage (@ 3000 mA)
v
3.35
LeD Junction Temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com