Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT260 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT260
Description  GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT260 Datasheet(HTML) 1 Page - Sharp Corporation

  LT260 Datasheet HTML 1Page - Sharp Corporation LT260 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.
s Features
¡ Operation by small magnet due to high sensitivity
Operating point<10mT
¡Combining a GaAs Hall device and an IC in a compact
package (2.9X1.5X1.1mm)
¡Wide operation temperature range obtained by GaAs Hall
device (-20 to +125˚C)
¡Long life time due to noncontact-type
s Applications
¡FDD
¡HDD
¡Water meter
¡Car stereo
¡Microswitch,etc.
LT260A
Hall IC
LT260A
s Outline Dimensions
(Unit : mm)
GaAs Hall IC for Noncontact Switch
(Alternating magnetic field-type*)
*Zero-cross is not warranted.
s Operating Explanation
As for dimensions of tape-packaged products, refer to page 44 .
*1 Soldering time : within 10 seconds
s Absolute Maximum Ratings
(Ta=25˚C)
Supply voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
Soldering temperature*1
Symbol
VCC
VOUT
IO
PD
Topr
Tstg
Tsol
Rating
18
18
5
100
-20 to +125
-55 to +150
260
Unit
V
V
mA
mW
˚C
˚C
˚C
Parameter
s Electrical Characteristics
(Ta=25˚C)
Operating magnetic flux density
Hysteresis breadth
Operating voltage
Supply current
Low level output voltage
Output leakage current
Operating point temperature drift
Symbol
BOP
BRP
BH
VCC
ICC
VOL
IOH
∆BOP
Conditions
VCC=16V
VOO=16V
RL=10k
Ω
VCC=16V, B=<-10mT
IO=4mA, B>=10mT
VCC=16V, B=<10mT, VOO=16V
VCC=16V, Ta=-20˚C to +80˚C
MIN.
-
-10
-
4.5
-
-
-
-6
TYP.
-
-
-
-
-
-
-
-
MAX.
10
-
5
16
10.5
0.4
10
6
Unit
mT
mT
mT
V
mA
V
µA
mT
Parameter
+
-
H
REG
Terminal connections
Hall
device
2.7±0.3
1.5±0.2
1
2
4
3
4-R0.2
SZ
0.6
0.6
1 : VCC
2 : VOUT
3 : Don't use.
4 : GND
Y
X
Hall device center line
X : +0.05±0.23mm against package center
Y : -0.05±0.1mm against package lead center between
No.2 and No.3 terminals
Z : 0.81±0.15mm from package surface
*No.3 terminal and the section of leads(both sides
of package in X directionÅj
are connected with the
terminal of internal IC. Be careful in connecting other circuits.
BRP 0BOP
+B
Magnetic flux density
<Alternating magnetic field-type>


Similar Part No. - LT260

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT260Z SEOUL-LT260Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LT260

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
Hall IC for alternative magnetic field SOH-4D type
logo
Sharp Corporation
LT230A SHARP-LT230A Datasheet
22Kb / 2P
GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
LT251A SHARP-LT251A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
LT253A SHARP-LT253A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
LT261A SHARP-LT261A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
LT262A SHARP-LT262A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
LT280A SHARP-LT280A Datasheet
23Kb / 2P
GaAs Hall IC for Noncontact Switch(Unidirectional magnetic field-type)
logo
Panasonic Semiconductor
AN48841B PANASONIC-AN48841B Datasheet
293Kb / 12P
Low current consumption, high sensitivity CMOS Hall IC Operates on Alternating Magnetic Field
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
High sensitivity alternating behavior Hall IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com