Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED805TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # HVLED805TR
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805TR Datasheet(HTML) 4 Page - STMicroelectronics

  HVLED805TR Datasheet HTML 1Page - STMicroelectronics HVLED805TR Datasheet HTML 2Page - STMicroelectronics HVLED805TR Datasheet HTML 3Page - STMicroelectronics HVLED805TR Datasheet HTML 4Page - STMicroelectronics HVLED805TR Datasheet HTML 5Page - STMicroelectronics HVLED805TR Datasheet HTML 6Page - STMicroelectronics HVLED805TR Datasheet HTML 7Page - STMicroelectronics HVLED805TR Datasheet HTML 8Page - STMicroelectronics HVLED805TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Maximum ratings
HVLED805
4/29
Doc ID 18077 Rev 1
2
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VDS
1,2, 13-16 Drain-to-source (ground) voltage
-1 to 800
V
ID
1,2, 13-16 Drain current (1)
1.
Limited by maximum temperature allowed.
1A
Eav
1,2, 13-16 Single pulse avalanche energy (Tj = 25°C, ID = 0.7A)
50
mJ
Vcc
3
Supply voltage (Icc < 25mA)
Self limiting
V
IDMG
6
Zero current detector current
±2
mA
Vcomp
7
Analog input
-0.3 to 3.6
V
Ptot
Power dissipation @TA = 50°C
0.9
W
TJ
Junction temperature range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
RthJP
Thermal resistance, junction-to-pin
10
°C/W
RthJA
Thermal resistance, junction-to-ambient
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29