Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD8N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD8N65M5
Description  N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STD8N65M5 Datasheet HTML 1Page - STMicroelectronics STD8N65M5 Datasheet HTML 2Page - STMicroelectronics STD8N65M5 Datasheet HTML 3Page - STMicroelectronics STD8N65M5 Datasheet HTML 4Page - STMicroelectronics STD8N65M5 Datasheet HTML 5Page - STMicroelectronics STD8N65M5 Datasheet HTML 6Page - STMicroelectronics STD8N65M5 Datasheet HTML 7Page - STMicroelectronics STD8N65M5 Datasheet HTML 8Page - STMicroelectronics STD8N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
STB/D/F/I/P/U8N65M5
Electrical ratings
Doc ID 16531 Rev 3
3/25
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220,
D²PAK
I²PAK
IPAK
DPAK,
TO-220FP
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
7
7 (1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current (continuous) at TC = 100 °C
4.4
4.4 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
28
28 (1)
A
PTOT
Total dissipation at TC = 25 °C
70
25
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
2A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
120
mJ
dv/dt (3)
3.
ISD ≤ 7A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
IPAK TO-220 I²PAK D²PAK
TO-220FP
Rthj-case
Thermal resistance
junction-case max
1.79
5
°C/W
Rthj-amb
Thermal resistance
junction-ambient max
100
62.5
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4 board, 2oz Cu.
Thermal resistance
junction-pcb max
50
30
°C/W
Tl
Maximum lead
temperature for soldering
purpose
300
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com