Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR017V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR017V1
Description  Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR017V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR017V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR017V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-TDR017V1
Test circuit
Doc ID 18091 Rev 1
5/8
3
Test circuit
Figure 2.
Test circuit schematic
RFin
C4
TL 1
C6
C7
R2
R3
C1
R1
TL2
TL3
TL4
C8
TL5
TL6
TL7
PD84001
LDMOS
C11
C5
RFout
C2
C9
Vcc
2 -
1 +
FR4
H=20 mil
MSub
B2
L1
C10
C3
B1
Table 4.
Part list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite Bead
Panasonic
EXCELDRC35C
B2
Ferrite Bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
0603
Murata
GRM39-C0G121J50D500
C3
Capacitor
1 µF
0603
Murata
GRM39-X5R105K16D52K
C4, C5
Capacitor
39 pF
0603
Murata
GRM39-C0G390J50D500
C6
Capacitor
2.7 pF
0603
Murata
GRM39-C0G2R7C50Z500
C7
Capacitor
6,8 pF
0603
Murata
GRM39-C0G6R8D50Z500
C8
Capacitor
15 pF
0603
Murata
GRM39-C0G150J50D500
C9
Capacitor
10 pF
0603
Murata
GRM39-C0G100D50D500
C10
Capacitor
2.7 pF
0603
Murata
GRM39-C0G2R7C50Z500
C11
Capacitor
1 pF
0603
Murata
GRM39-C0G010C50Z500
L1
Inductor
12.55 nH
Coilcraft
1606-10
R1
Resistor
510
Ω
0603
Tyco lectronics
R2
Potentiometer
10 K
Ω
Bourns electronics
3214W-1-103E
R3
Resistor
1 K
0603
Tyco electronics
01623440-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com