Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1100L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1100L
Description  Cortex-M0 MCUs with lowest active power and superior code density
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1100L Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1100L Datasheet HTML 1Page - NXP Semiconductors LPC1100L Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NXP’s LPC1100L is the lowest-priced 32-bit MCU solution
in the market. It offers greater value than existing 8/16-bit
microcontroller by delivering unprecedented performance,
simplicity, lowest active power, and dramatic reductions in
code size for every application.
With over 45 DMIPS of performance compared to the
sub-DMIP performance typical of 8-bit MCUs and the 3 to 5
DMIPS performance of 16-bit MCUs, the LPC1100L not only
executes basic control tasks but sophisticated algorithms as well,
making even the most complex tasks within reach. The LPC1100L
delivers the industry’s lowest 32-bit active power consumption at
130 μA/MHz and reduces deep-sleep current by a dramatic 60%.
The series also features unique API-driven power profiles which
provide users with ready-to-use power management templates.
Challenging the belief that 8/16-bit microcontrollers use less
code, industry-standard Coremark benchmarks show that
the LPC1100L requires 40-50% less code for most common
microcontroller tasks.
Development tools
The LPC1100 family is supported by the LPCXpresso,
an easy-to-use, comprehensive development tool platform for
under US$30, as well as development tools from IAR, Keil, Hitex,
Code Red, and many others. For the most current listing,
please visit www.nxp.com/microcontrollers.
LPC111x ordering options
Type number
Flash
Total SRAM
UART RS-485
I2C / Fast+
SPI
ADC channels
Package
LPC1111
LPC1111FHN33/1/x02
8 KB
2 KB
1
1
1
8
HVQFN33
LPC1111FHN33/2/x02
8 KB
4 KB
1
1
1
8
HVQFN33
LPC1112
LPC1112FHN33/1/x02
16 KB
2 KB
1
1
1
8
HVQFN33
LPC1112FHN33/2/x02
16 KB
4 KB
1
1
1
8
HVQFN33
LPC1113
LPC1113FHN33/2/x02
24 KB
4 KB
1
1
1
8
HVQFN33
LPC1113FHN33/3/x02
24 KB
8 KB
1
1
1
8
HVQFN33
LPC1113FBD48/3/x02
24 KB
8 KB
1
1
2
8
LQFP48
LPC1114
LPC1114FHN33/2/x02
32 KB
4 KB
1
1
1
8
HVQFN33
LPC1114FHN33/3/x02
32 KB
8 KB
1
1
1
8
HVQFN33
LPC1114FBD48/3/x02
32 KB
8 KB
1
1
2
8
LQFP48
LPC1114FA44/3/x02
32 KB
8 KB
1
1
2
8
PLCC44
LPC1100L block diagram
www.nxp.com
© 2011 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable
and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: April 2011
Document order number : 9397 750 17083
Printed in the Netherlands



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com