Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1813 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1813
Description  Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1813 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1813 Datasheet HTML 1Page - NXP Semiconductors LPC1813 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
event controlled PWM waveform generation, ADC
synchronization and dead time control. This timer
subsystem gives embedded designers increased
flexibility to create user-defined wave-forms and
control signals.
Additional peripherals available on the LPC1800
include two HS USB controllers, an on-chip HS PHY,
a 10/100T Ethernet controller with hardware enabled
TCP/IP checksum calculation, a high-resolution
color LCD controller, and AES decryption including
two 128-bit secure OTP memories for key storage.
Versions with AES encryption are available on
request.
For more information, please visit
www.nxp.com/microcontrollers
LPC1800 block diagram
LPC18xx
Flash
Up to 1 MB
Dual Bank
SRAM
Up to 200 KB
ROM
ROM / OTP
Bus System
ARM CORTEX-M3
Up to 150 MHz
4 x UART
2 x SSP/SPI
2 x I2C
2 x I2S
2 x HS
USB 2.0
Ethernet
MAC
SPI Flash
Interface
2 x CAN 2.0B
LCD
Controller
SDIO
External
Mem Ctrl
State Config
Timer
4 x 32-bit
Timers
RTC
Alarm
Timer
MPU
NVIC
WIC
Debug
Trace
Motor Ctrl
PWM
Quad Enc
Interface
SYSTEM
SECURITY
CONFIGURABLE INTERFACES
MEMORY
CORE
OTP Key
Storage
2 x 8 Ch
10-bit ADC
10-bit
DAC
AES
Decryption
Brownout
Detector
GPDMA
USB PLL
CPU PLL
IRC
Audio PLL
Power-on
Reset
Watchdog
Timer
INTERFACES
TIMERS
ANALOG
Selection guide
Type
Memory
LCD Ethernet USB SPI Flash
Interface
State
Config
Timer
Subsys
ADC
I/O
pins
Ext bus
interface
Temp. range
options
Package
FLASH
RAM
LPC1810
136
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1812
512 (1x512)
104
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1813
512 (2x256)
104
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1815
768 (2x384)
136
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1817 1024 (2x512) 136
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1820
168
1
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100, LQFP100
LPC1822
512 (1x512)
104
1
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1823
512 (2x256)
104
1
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1825
768 (2x384)
136
1
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100
LPC1827 1024 (2x512) 136
1
•
•
2x 4-6ch 10b 50-64
8-16
-40 to +85 °C LQFP144, TBGA100, LQFP100
LPC1830
200
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C BGA256, BGA180, BGA100, LQFP144
LPC1833
512 (2x256)
136
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C BGA256, BGA180, BGA100, LQFP144
LPC1837 1024 (2x512) 136
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C BGA256, BGA180, BGA100, LQFP144
LPC1850
200
•
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C LQFP208, BGA256, BGA180
LPC1853
512 (2x256)
136
•
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C LQFP208, BGA256, BGA180
LPC1857 1024 (2x512) 136
•
•
2
•
•
2x 8ch 10b
80
16-32
-40 to +85 °C LQFP208, BGA256, BGA180
www.nxp.com
© 2011 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: June 2011
Document order number: 9397 750 17140
Printed in the Netherlands



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com