Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF41G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF41G
Description  4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF41G Datasheet(HTML) 1 Page - Micro Commercial Components

  SF41G Datasheet HTML 1Page - Micro Commercial Components SF41G Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF41G
THRU
SF48G
4 Amp High
Efficiency Glass
Passivated Rectifier
50 to 600 Volts
Features
•
Low Leakage and Low power loss, Low Forward Voltage Drop
•
High Current Capability,high efficiency
•
Super fast switching speed
Maximum Ratings
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SF41G
50V
35V
50V
SF42G
100V
70V
100V
SF44G
200V
140V
200V
SF45G
300V
210V
300V
SF46G
400V
280V
400V
SF48G
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4 A
TA = 55
°C
Peak Forward
Surge
Current
IFSM
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
TA = 25
°C
Maximum Reverse
Recovery
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
Measured at
1.0MHz, VR=4.0V
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
          

SF41G-45G
SF46G
SF48G
1.27V
1.75V
0.95V
SF41G
SF42G
SF44G
SF45G
SF46G
SF48G
Tim e
SF41G~45G
SF46G~48G
150A
50pF
30pF
35.0nS
50
µA T
A = 150
°C
Maximum Instantaneous
Forward Voltage
V F
IFM = 4.0A;
TA = 25
°C
www.mccsemi.com
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 2
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SF41G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF41G TSC-SF41G Datasheet
64Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF41G LUGUANG-SF41G Datasheet
189Kb / 2P
4.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Leshan Radio Company
SF41G LRC-SF41G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
More results

Similar Description - SF41G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
SF51G MCC-SF51G Datasheet
120Kb / 1P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
SF31G MCC-SF31G Datasheet
489Kb / 3P
3 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
SF51G MCC-SF51G_11 Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
GBJ5006L MCC-GBJ5006L Datasheet
471Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 600 Volts
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com