Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF62 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF62
Description  6.0 Amp Super Fast Rectifier 50 to 400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF62 Datasheet(HTML) 1 Page - Micro Commercial Components

  SF62 Datasheet HTML 1Page - Micro Commercial Components SF62 Datasheet HTML 2Page - Micro Commercial Components SF62 Datasheet HTML 3Page - Micro Commercial Components SF62 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF61
THRU
SF66
6.0 Amp Super Fast
Rectifier
50 to 400 Volts
Features
Maximum Ratings
Operating Temperature: -65
to +125
Storage Temperature: -65
to +150
For capacitive load, derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF61
50
35
50
SF62
100
70
100
SF63
150
105
150
SF64
200
140
200
SF65
300
210
300
SF66
400
280
400
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TC = 55
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF61-SF64
SF65-SF66
VF
0.975V
1.3V
IFM = 6.0A;
TC = 25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
50uA
TC = 25
TC = 100
Typical Junction
Capacitance
SF61-SF64
SF65-SF66
CJ
120pF
60pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
 omponents
20736 Marilla Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
Revision:
A
20
11/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
TM
Micro Commercial Components
High reliability
High current capability
Low forward voltage drop
High surge current capability
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
2.
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
1 of 4
DO-201AD
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SF62

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF62 WTE-SF62 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF62 JGD-SF62 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF62 BYTES-SF62 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF62 DIODES-SF62 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF62 FORMOSA-SF62 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF62

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10A MCC-ER10A Datasheet
353Kb / 3P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF11 MCC-SF11 Datasheet
93Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 MCC-SF21 Datasheet
94Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF21G MCC-SF21G Datasheet
224Kb / 4P
2.0 Amp Super Fast Glass Passivated Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com