Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H4 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC3H4
Description  Mini-falt Package AC Input Type Half Pitch Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4 Datasheet(HTML) 4 Page - Sharp Corporation

  PC3H4 Datasheet HTML 1Page - Sharp Corporation PC3H4 Datasheet HTML 2Page - Sharp Corporation PC3H4 Datasheet HTML 3Page - Sharp Corporation PC3H4 Datasheet HTML 4Page - Sharp Corporation PC3H4 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC3H4/PC3Q64Q
0
150
100
50
−30
0
20
40
60
80
100
Ambient temperature Ta (°C)
IF=1mA
VCE=5V
0.1
100
20
50
1000
200
500
10
2
5
1
0.2
0.5
0.01
0.1
1
10
100
tr
td
tf
ts
Load resistance RL (kΩ)
VCE=2V
IC=2mA
Ta=25°C
0.00
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
−30
0
20
40
60
80
100
Ambient temperaturet Ta (°C)
IF=20mA
IC=1mA
10−11
10−5
5
10−6
5
10−7
5
10−8
5
10−9
5
10−10
5
−30
0
20
40
60
80
100
Ambient temperature Ta (°C)
VCE=20V
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Fig.13 Test Circuit For Response Time
0
10
8
6
4
2
0
2
4
6
8
10
Forward current IF (mA)
7mA
5mA
3mA
1mA
Ta=25°C
IC=0.5mA
Fig.14 Collector-emitter Saturation Voltage
vs. Forward Current
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.10 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.12 Response Time vs. Load Resistance
Fig.11 Collector Dark Current vs. Ambient
Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com