Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EKMB
Description  Passive Infrared Motion Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EKMB Datasheet HTML 1Page - Panasonic Semiconductor EKMB Datasheet HTML 2Page - Panasonic Semiconductor EKMB Datasheet HTML 3Page - Panasonic Semiconductor EKMB Datasheet HTML 4Page - Panasonic Semiconductor EKMB Datasheet HTML 5Page - Panasonic Semiconductor EKMB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic ideas for life
Panasonic Electric Works Corporation of America
http://pewa.panasonic.com/
PaPIRS
Passive Infrared Motion Sensor
EKMB
Standard Profile (1, 2, 6 µA)
Standard Detection
5m
Long Distance Detection
12m
Standard Detection
5m
Long Distance
Detection - 12m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com