Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRA351GP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SRA351GP
Description  35Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SRA351GP Datasheet(HTML) 2 Page - Micro Commercial Components

  SRA351GP Datasheet HTML 1Page - Micro Commercial Components SRA351GP Datasheet HTML 2Page - Micro Commercial Components SRA351GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
20
100
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
10
20
25
°C
Volts
1
100
4
0
50
100
200
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
300
400
500
Average Forward Rectified Current - Amperesversus
Case Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
10
15
20
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
25
30
35
Junction Capacitance - pFversus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
100
400
pF
Volts
300
200
4
400
1000
TJ=25
°C
MCC
SRA351GP thru SRA357GP
TM
Micro Commercial Components
www.mccsemi.com
2
of 3
Revision: A
2011/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com