Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC810 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC810
Description  High Speed Under High Load Resistance Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC810 Datasheet(HTML) 4 Page - Sharp Corporation

  PC810 Datasheet HTML 1Page - Sharp Corporation PC810 Datasheet HTML 2Page - Sharp Corporation PC810 Datasheet HTML 3Page - Sharp Corporation PC810 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC810
Fig.13 Frequency Response
Frequency f ( kHz )
-20
0
0.5
1
2
5
-10
200
100
50
20
10
500
-5
-15
100
Ω
1k
Ω
0.5
1
2
5
10
20
50
0.01
0.1
1
10
0.02
0.05
0.2
0.5
2
5
10
0
20
100
200
1 000
50
500
400
800
-30
0
800
700
600
500
400
300
200
100
0
20406080
Fig.12 Turn-off Time vs.
Ambient Temperature
0
0
1
2
3
4
5
2468
10
1.0mA
2.0mA
3.0mA
6
12
14
16
18
20
5.0mA
7.0mA
Forward current I F ( mA )
Fig.14 Collector-emitter Saturation Voltage
vs. Forward Current
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Vcc = 5V
Ta = 25˚C
VCC =5V
RL = 110k Ω
IF = 1mA
f
VCE =2V
IC = 2mA
Ta = 25˚C
t f
t r
t d
ts
IF = 1mA
VCE =5V
IC = 2mA
Ta = 25˚C
100
120
Ambient temperature T a (˚C)
RL = 10k Ω
IC = 0.5mA
Ta = 25˚C
2 400
2 000
1 600
1 200
Please refer to the chapter “Precautions for Use ”
Fig.10 Response Time vs. Load Resistance
Fig.11 Turn-off Time vs. Load Resistance
Load resistance R L ( k Ω )
Load resistance R L ( k Ω )
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com