Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC03-05SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC03-05SC
Description  3 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-05SC Datasheet(HTML) 2 Page - Recom International Power

  RAC03-05SC Datasheet HTML 1Page - Recom International Power RAC03-05SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
PA-7
REV:2/2011
RAC03-SC
Series
POWERLINE
AC/DC-Converter
Standard Package Style and Pinning
3rd angle
projection
Pin Connections
Pin #
Single Output
1
VAC in (L)
3
VAC in (N)
13
NC
14
-VDC out
16
+VDC out
NC = No Connection
1
Bottom View
Top View
13
3
14
16
Allow 5mm clearance around converter for air circulation
17.78
23.90
2.54
1.20ø+0.2/–0.1
1.0ø
37.80
15.65
6.1
2.54
16.40
±
0.25
Standoff height
0.75±0.25
20.32
5.08
5.08
17.78
5.0
Leave Clear
of
PCB Traces
Tolerance
± 0.5 mm
unless otherwise specified
Recommended Application Circuit
N
Load
C1(Optional)
330uF
L
1A Fuse
MOV
- required for
230VAC Surge
Protection only
Add C1 to reduce output ripple (use low ESR type)
VACin (L)
VACin (N)
Vout+
Vout-
RAC03-05SC
Compact single output regulated power supply
Suggested fuse rating: 1A Slow Blow
An external MOV is required for 230VAC operation. The varistor should comply with IEC-61051-2. e.g. Epcos S14 Series
EMC
Conducted and Radiated
EN 55022 Class B
Noise Immunity
EN 55024
MTBF
+25°C
>550 x 103 hours
230VAC
+55°C
>285 x 103 hours
using MIL-HDBK-217F
+80°C
>76 x 103 hours
Certifications:
UL General Safety
(Pending)
UL-60950-1, 2nd Edition
EN General Safety
(Pending)
EN-60950-1, 2nd Edition
CE
Report: 2011-04-19
EN55022 Class B
Specifications (typical at 25°C and after warm up time unless otherwise specified )
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
230VAC
115VAC
RAC05-05SC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com