Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4154 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4154
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4154 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N4154 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4154 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4154 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10S
1
10
100
V=tp/T
0.1
A
-1
10
IFRM
tp
-2
10
-3
10
-5
10
n=0
0.1
0.2
0.5
T=1/fp
tp
IFRM
T
-4
10
1
TJ=100
TJ=25
-2
10
-1
10
1
10
3
10
mA
IF
VF
2
10
01
2V
200
400
600
800
0
100
200℃
1000
100
300
700
500
900
0
mW
Ptot
TA
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0268041
2.
FIG.1 -- ADMISSIBLE POWER DISSIPATION
NNNNNN
VERSUS AMBIENT TEMPERATURE
FIG.2 -- FORWARD CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
1N4154
FIG.3 -- ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com