Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC817
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817 Datasheet(HTML) 1 Page - Sharp Corporation

  PC817 Datasheet HTML 1Page - Sharp Corporation PC817 Datasheet HTML 2Page - Sharp Corporation PC817 Datasheet HTML 3Page - Sharp Corporation PC817 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC817 Series
PC817 Series
High Density Mounting Type
Photocoupler
s Features
1. Current transfer ratio
2. High isolation voltage between input and
3. Compact dual-in-line package
s Applications
1. Computer terminals
2. System appliances, measuring instruments
3. Registers, copiers, automatic vending
4. Electric home appliances, such as fan
output ( Viso
machines
heaters, etc.
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4. Recognized by UL, file No. E64380
θ
θ
PC847
diagram
Internal connection
Internal connection
diagram
PC837
PC827
PC817
12
43
12
3
4
θ
θ
1 Anode
2 Cathode
3 Emitter
4 Collector
θ = 0 to 13 ˚
1
2
34
5
6
7
8
12
34
5
6
7
8
1 3 Anode
2 4 Cathode
5 7 Emitter
6 8 Collector
Anode
mark
θ
θ
θ= 0 to 13˚
1
2
34
56
7
8
9
1
9
1357 Anode
2468 Cathode
θ
θ
θ = 0 to 13˚
1
2
34
56
7
8
9
12
34
56
7
8
9
135 Anode
246 Cathode
7 9
Emitter
8
Collector
θ = 0 to 13˚
9
Emitter
Collector
Internal connection diagram
Internal connection diagram
PC817 : 1-channel type
PC827 : 2-channel type
PC837 : 3-channel type
PC847 : 4-channel type
5. Signal transmission between circuits of
different potentials and impedances
Anode mark
gg TUV ( VDE0884 ) approved type is also available as an option.
( CTR: MIN. 50% at I F = 5mA ,VCE=5V)
CTR
rank mark
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC817I/PC817P )
: 5 000V rms )
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
19.82 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
14.74 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
..
11
11
12
12
11
12
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
23
4
5
6
7
8
10
10
10
10


Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
More results

Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com