Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC829 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC829
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC829 Datasheet(HTML) 4 Page - Sharp Corporation

  PC829 Datasheet HTML 1Page - Sharp Corporation PC829 Datasheet HTML 2Page - Sharp Corporation PC829 Datasheet HTML 3Page - Sharp Corporation PC829 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig.11 Frequency Response
Frequency f ( kHz )
0
1
2
5
10
500
200
100
50
20
1k
Ω 100 Ω
0.5
Forward current I F ( mA )
0
0
1
2
3
4
5
510
6
15
7mA
Fig.12 Collector-emitter Saturation Voltage vs.
Forward Current
PC829 Series
Test Circuit for Response Time
VCC
90%
10%
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
t
tr
ts
td
1mA
3mA
5mA
f
Ta = 25˚C
IC = 0.5mA
RL = 10k Ω
V CE =5V
IC = 2mA
Ta = 25˚C
-10
-20
Please refer to the chapter “ Precautions for Use ”
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com