Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALTAIR04-900 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ALTAIR04-900
Description  Off-line all-primary-sensing switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALTAIR04-900 Datasheet(HTML) 1 Page - STMicroelectronics

  ALTAIR04-900 Datasheet HTML 1Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 2Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 3Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 4Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 5Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 6Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 7Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 8Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
January 2011
Doc ID 18211 Rev 2
1/29
29
ALTAIR04-900
Off-line all-primary-sensing switching regulator
Features
■ Primary side constant voltage operations with
no optocoupler
■ Adjustable and main-independent maximum
output current for safe operations during
overload/short circuit conditions
■ 900 V avalanche rugged internal power section
■ Quasi-resonant valley switching operation
■ Low standby consumption
■ Overcurrent protection against transformer
saturation and secondary diode short circuit
■ SO16 package
Applications
■ SMPS for energy metering
■ Auxiliary power supplies for 3-phases input
industrial systems
■ AC-DC adapters
Description
ALTAIR04-900 is a high-voltage all-primary-
sensing switcher intended for operating directly
from the rectified mains with minimum external
parts. It combines a high-performance low-
voltage PWM controller chip and a 900 V
avalanche-rugged power section in the same
package.
SO16N
Figure 1.
Block diagram
 
3.3 V
ZCD/F B
I FF
STA RT ER
SOURCE
TURN -ON
LOGI C
+Vi
n
+V out
Istart-up
Int ernal s upply bus
Vref
Intern.
s upply
bus
DRA IN
BLA NKING
TIME
LE B
Vc c
Iref
2.5 V
R
S
Q
COMP
-
+
-
+
+
-
S/H
DE MAG
LOGIC
GND
S
R
Q
IREF
R
P ROT ECTION &
FE EDFORWARD
LOGI C
Prot
IFF
Vc
-
+
1 V
S
R
Q
UV LO
UV LO
Prot
RFF
SUPP LY
& UV LO
Rfb
Rz cd
Rsens e
Rcomp
Cc om p
Cref
3.3 V
ZCD/F B
I FF
STA RT ER
STA RT ER
SOURCE
TURN -ON
LOGI C
+Vi
n
+V out
Istart-up
Int ernal s upply bus
Vref
Intern.
s upply
bus
DRA IN
BLA NKING
TIME
BLA NKING
TIME
LE B
LE B
Vc c
Iref
2.5 V
R
S
Q
COMP
-
+
-
+
-
+
+
-
+
-
S/H
S/H
DE MAG
LOGIC
DE MAG
LOGIC
GND
S
R
Q
S
R
Q
IREF
R
P ROT ECTION &
FE EDFORWARD
LOGI C
P ROT ECTION &
FE EDFORWARD
LOGI C
Prot
IFF
Vc
-
+
-
+
1 V
S
R
Q
S
R
Q
UV LO
UV LO
Prot
RFF
SUPP LY
& UV LO
Rfb
Rz cd
Rsens e
Rcomp
Cc om p
Cref
www.st.com


Similar Part No. - ALTAIR04-900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALTAIR05T-800 STMICROELECTRONICS-ALTAIR05T-800 Datasheet
481Kb / 28P
Off-line all-primary-sensing switching regulator
25-Oct-2010
ALTAIR05T-800TR STMICROELECTRONICS-ALTAIR05T-800TR Datasheet
481Kb / 28P
Off-line all-primary-sensing switching regulator
25-Oct-2010
More results

Similar Description - ALTAIR04-900

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
ALTAIR05T-800 STMICROELECTRONICS-ALTAIR05T-800 Datasheet
481Kb / 28P
Off-line all-primary-sensing switching regulator
25-Oct-2010
logo
Texas Instruments
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
Off-Line Primary Side Sensing Controller with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
Off-Line Primary Side Sensing Converter with PFC
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
Off-Line Primary Side Sensing Controller with PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
Off-Line Primary Side Sensing Converter with PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com