Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALTAIR04-900TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ALTAIR04-900TR
Description  Off-line all-primary-sensing switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALTAIR04-900TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ALTAIR04-900TR Datasheet HTML 5Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 6Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 7Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 8Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 9Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 10Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 11Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 12Page - STMicroelectronics ALTAIR04-900TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ALTAIR04-900
Electrical characteristics
Doc ID 18211 Rev 2
9/29
Figure 3.
COSS Output capacitance variation
Figure 4.
Off state drain and source current test circuit
Note:
The measured IDSS is the sum between the current across the start-up resistor and the
effective MOSFET’s off state drain current
Figure 5.
Start-up current test circuit
0
25
50
75
100
125
150
0
100
200
300
400
500
C
OSS
(pF)
V
DS
(V)
A
Iq(f ault )
A
Idss
850 V
15V
2. 5V
COMP
SOU R C E
DR AI N
VD D
+
-
CURR ENT
CONTROL
IREF
GN D
FB/ ZC D
 
1 1.8 V
A
Ic cst art-up
2. 5V
COMP
SOU RCE
DR AIN
VD D
+
-
CU RRENT
CONTROL
IR EF
GN D
FB/ ZC D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com