Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALTAIR05T-800 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ALTAIR05T-800
Description  Off-line all-primary-sensing switching regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALTAIR05T-800 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ALTAIR05T-800 Datasheet HTML 9Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 10Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 11Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 12Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 13Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 14Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 15Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 16Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ALTAIR05T-800
Application information
Doc ID 17957 Rev 1
13/28
Figure 10.
Timing diagram: normal power-up and power-down sequences
5.3
Zero current detection and triggering block
The zero current detection (ZCD) and triggering blocks switch on the power MOSFET if a
negative-going edge falling below 50 mV is applied to the ZCD/FB pin. To do so, the
triggering block must be previously armed by a positive-going edge exceeding 100 mV.
This feature is used to detect transformer demagnetization for QR operation, where the
signal for the ZCD input is obtained from the transformer’s auxiliary winding used also to
supply the IC.
Figure 11.
ZCD block, triggering block
The triggering block is blanked after MOSFET’s turn-off to prevent any negative-going edge
that follows leakage inductance demagnetization from triggering the ZCD circuit
erroneously.
This blanking time is dependent on the voltage on COMP pin: it is TBLANK = 30 µs for VCOMP
= 0.9 V, and decreases almost linearly down to TBLANK = 6 µs for VCOMP = 1.3 V
Vcc
DRAIN
VccON
Vccrestart
t
tt
t
Vin
VStart
Icharge
5.5 mA
t
t
Power-on
Power-off
Normal operation
CV mode
CC mode
Normal operation
Vcc
DRAIN
VccON
Vccrestart
t
tt
t
Vin
VStart
Icharge
5.5 mA
t
t
Power-on
Power-off
Normal operation
CV mode
CC mode
Normal operation
60mV
ZCD
CLAMP
BLANKIN G
TIME
TU RN- ON
LO GIC
STARTER
S
R
Q
LEB
Aux
Rfb
Rzcd
To Dr iv er
Fr om CC/ CV Block
Fr om OC P
ZCD/FB
110mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com