Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF02-2AMX6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ECMF02-2AMX6
Description  Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2AMX6 Datasheet(HTML) 1 Page - STMicroelectronics

  ECMF02-2AMX6 Datasheet HTML 1Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 2Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 3Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 4Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 5Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 6Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 7Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 8Page - STMicroelectronics ECMF02-2AMX6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2011
Doc ID 17815 Rev 2
1/15
15
ECMF02-2AMX6
Common mode filter with ESD protection for
USB 2.0 and MIPI D-PHY/MDDI interface
Features
Very large differential bandwidth > 6 GHz
High common mode attenuation:
– -34 dB at 900 MHz
– -20 dB between 800 MHz and 2.2 GHz
Very low PCB space consumption
Thin package: 0.55 mm max
Lead-free package
High reduction of parasitic elements through
integration
Complies with the following standards:
IEC 61000-4-2 level 4 input and output pins:
±15 kV (air discharge)
±8 kV (contact discharge)
Applications
Mobile phones
Notebook, laptop
Portable devices
PND
Description
The ECMF02-2AMX6 is a highly integrated
common mode filter designed to suppress
EMI/RFI common mode noise on high speed
differential serial buses like MIPI D-PHY, MDDI or
USB 2.0.
The ECMF02-2AMX6 can protect and filter one
differential lane.
Figure 1.
Pin configuration (top view)
µQFN-6L
D+
D+
GND
NC
D
ESD
-D-
ESD
ESD
ESD
www.st.com


Similar Part No. - ECMF02-2AMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
ECMF02-2HSMX6 STMICROELECTRONICS-ECMF02-2HSMX6 Datasheet
888Kb / 17P
ESD protected common mode filter for USB3.0 interface
25-Aug-2014
More results

Similar Description - ECMF02-2AMX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF04-4AMX12 STMICROELECTRONICS-ECMF04-4AMX12 Datasheet
343Kb / 13P
Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
28-Jun-2011
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
ECMF06-6AM16 STMICROELECTRONICS-ECMF06-6AM16 Datasheet
287Kb / 16P
Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
04-Oct-2012
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
Common mode filter with ESD protection for high speed serial interface
25-Aug-2014
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com