Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC853H Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC853H
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC853H Datasheet(HTML) 1 Page - Sharp Corporation

  PC853H Datasheet HTML 1Page - Sharp Corporation PC853H Datasheet HTML 2Page - Sharp Corporation PC853H Datasheet HTML 3Page - Sharp Corporation PC853H Datasheet HTML 4Page - Sharp Corporation PC853H Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC853/PC853H
PC852 Series
PC852 Series/PC853/PC853H
s Applications
s Features
1. High collector-emitter voltage
2. High current transfer ratio
3. High isolation voltage between input and
output ( Viso
4. Compact dual-in-line package
5. Large collector power dissipation.
6. Recognized by UL
1. Telephone sets
2. Copiers, facsimiles
3. Interface with various power supply cir-
cuits, power distribution boards
4. Numerical control machines
F
= 1mA, V CE =2V)
( Unit : mm)
s Outline Dimensions
PC852 , PC853 , PC853H ( 1-channel type )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
θ
θ
PC8Q52
PC8D52
Internal connection
diagram
diagram
Internal connection
PC8D52
Internal connection
diagram
2
1
43
Model No
PC852/PC853/PC853H
12
3
4
θ
θ
3 Emitter
4 Collector
12
3
4
5
6
7
8
12
3
4
5
6
7
8
1 3 Anode
2 4 Cathode
5 7 Emitter
6 8 Collector
1
2
3
4
5
678
9
PC8Q52
1
2
3
4
5
678
9
1357 Anode
2468 Cathode
9
Emitter
Collector
(Note)
1 Anode
2 Cathode
PC852 Series , PC853 ( VCEO : 300V)
PC853H ( VCEO : 350V)
PC8D52 ( 2-channel type )
PC8Q52 ( 4-channel type )
PC853 , PC853H (PC : 300mW )
High Collector-emitter Voltage
Type Photocouplers
The diode of output side is not a protection diode
( CTR: MIN. 1 000% at I
of reverse voltage.
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC852I/PC852P/PC853I/PC853P )
: 5 000V rms )
θ = 0 to 13 ˚
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
2.54± 0.25
0.9 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
0.5 ± 0.1
θ = 0 to 13 ˚
0.9 ± 0.2
1.2 ± 0.3
19.82 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
0.5 ± 0.1
2.54 ± 0.25
θ
θ θ = 0 to 13˚
7.62 ± 0.3
0.26 ± 0.1
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10
( NO. E64380 )


Similar Part No. - PC853H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC853XJ0000F SHARP-PC853XJ0000F Datasheet
276Kb / 15P
DIP 4pin Darlington Phototransistor Ouput,High Collector-emitter Voltage Photocoupler
More results

Similar Description - PC853H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Lite-On Technology Corp...
CNY17F-2M LITEON-CNY17F-2M Datasheet
171Kb / 9P
High collector-emitter voltage
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com