Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303DLMTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303DLMTR Datasheet HTML 1Page - STMicroelectronics LSM303DLMTR Datasheet HTML 2Page - STMicroelectronics LSM303DLMTR Datasheet HTML 3Page - STMicroelectronics LSM303DLMTR Datasheet HTML 4Page - STMicroelectronics LSM303DLMTR Datasheet HTML 5Page - STMicroelectronics LSM303DLMTR Datasheet HTML 6Page - STMicroelectronics LSM303DLMTR Datasheet HTML 7Page - STMicroelectronics LSM303DLMTR Datasheet HTML 8Page - STMicroelectronics LSM303DLMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2011
Doc ID 018725 Rev 1
1/38
38
LSM303DLM
Sensor module:
3-axis accelerometer and 3-axis magnetometer
Features
Analog supply voltage: 2.16 V to 3.6 V
Digital supply voltage IOs: 1.8 V
Power-down mode
3 magnetic field channels and 3 acceleration
channels
±1.3 to ±8.1 gauss magnetic field full-scale
±2 g/±4 g/±8 g dynamically selectable full-
scale
High performance g-sensor
I2C serial interface
2 independent programmable interrupt
generators for free-fall and motion detection
Accelerometer sleep-to-wakeup function
6D orientation detection
ECOPACK®, RoHS, and “Green” compliant
Applications
Compensated compass
Map rotation
Position detection
Motion-activated functions
Free-fall detection
Intelligent power-saving for handheld devices
Display orientation
Gaming and virtual reality input devices
Impact recognition and logging
Vibration monitoring and compensation
Description
The LSM303DLM is a system-in-package
featuring a 3D digital linear acceleration sensor
and a 3D digital magnetic sensor.
The various sensing elements are manufactured
by using specialized micromachining processes,
while the IC interfaces are realized using a CMOS
technology that allows the design of a dedicated
circuit which is trimmed to better match the
sensing element characteristics. The
LSM303DLM has a linear acceleration full-scale
of ±2
g / ±4 g / ±8 g and a magnetic field full-scale
of ±1.3 / ±1.9 / ±2.5 / ±4.0 / ±4.7 / ±5.6 / ±8.1
gauss
, both fully selectable by the user.
The LSM303DLM includes an I2C serial bus
interface that supports standard mode (100 kHz)
and fast mode (400 kHz). The system can be
configured to generate an interrupt signal by
inertial wakeup/free-fall events, as well as by the
position of the device itself. Thresholds and timing
of interrupt generators are programmable on the
fly by the end user.
Magnetic and accelerometer parts can be
enabled or put into power-down mode separately.
The LSM303DLM is available in a plastic land grid
array package (LGA), and is guaranteed to
operate over an extended temperature range from
-40 to +85 °C.
Table 1.
Device summary
Part number
Temp.
range
[°C]
Package
Packing
LSM303DLM
-40 to +85
LGA-28
Tray
LSM303DLMTR
Tape and
reel
LGA-28L (5x5x1.0 mm)
www.st.com


Similar Part No. - LSM303DLMTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
More results

Similar Description - LSM303DLMTR

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
3-axis accelerometer
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
List of Unclassifed Man...
GY-61 ETC-GY-61 Datasheet
109Kb / 2P
ADXL335 3-Axis Accelerometer Module
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com