Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T24AY/CAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM6T24AY/CAY
Description  Automotive 600 W Transil
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T24AY/CAY Datasheet(HTML) 1 Page - STMicroelectronics

  SM6T24AY/CAY Datasheet HTML 1Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 2Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 3Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 4Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 5Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 6Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 7Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 8Page - STMicroelectronics SM6T24AY/CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2010
Doc ID 17741 Rev 1
1/11
11
SM6TY
Automotive 600 W Transil™
Features
■ peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
■ stand-off voltage range: from 6.4 V to 58 V
■ unidirectional and bidirectional types
■ low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ operating Tj max: 150 °C
■ high power capability at Tj max:
– 515 W (10/1000 µs)
■ JEDEC registered package outline
■ resin meets UL 94, V0
■ ECOPACK®2 compliant components
■ AEC-Q101 qualified
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ ISO 10605, C = 330 pF, R = 330
Ω:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ ISO 7637-2 (for pulse 1 and 2a, applicable only
to parts with stand-off voltage (VRM) lower than
the average battery voltage: 13.5 V):
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Description
The SM6TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according to
IEC 61000-4-2 and ISO 10605.
The planar technology makes this device
compatible with high-end circuits where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. SM6TY are packaged in SMB (SMB
footprint in accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SM6T24AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T24AY STMICROELECTRONICS-SM6T24AY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM6T24AY STMICROELECTRONICS-SM6T24AY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM6T24AY STMICROELECTRONICS-SM6T24AY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T24AY STMICROELECTRONICS-SM6T24AY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T24AY STMICROELECTRONICS-SM6T24AY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
More results

Similar Description - SM6T24AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
Automotive 600 W Transil
09-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com