Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S09
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S09_10 Datasheet HTML 6Page - STMicroelectronics ST1S09_10 Datasheet HTML 7Page - STMicroelectronics ST1S09_10 Datasheet HTML 8Page - STMicroelectronics ST1S09_10 Datasheet HTML 9Page - STMicroelectronics ST1S09_10 Datasheet HTML 10Page - STMicroelectronics ST1S09_10 Datasheet HTML 11Page - STMicroelectronics ST1S09_10 Datasheet HTML 12Page - STMicroelectronics ST1S09_10 Datasheet HTML 13Page - STMicroelectronics ST1S09_10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical performance characteristics
ST1S09
10/18
Doc ID 13632 Rev 4
Figure 15.
Efficiency vs. temperature
Figure 16.
Over voltage protection vs.
temperature
Figure 17.
Over voltage protection vs.
temperature
Figure 18.
Over voltage protection hyst. vs.
temperature
Figure 19.
Load transient
Figure 20.
Inhibit transient
VI = 5 V, VO = 1.2 V, IO = 100 mA to1 A, L = 3.3 µH,
CI = 4.7 µF, CO = 22 µF
VI = 5V, VINH = 0 to 2 V, IO = 2 A, L = 3.3 µH, CI = 4.7 µF,
CO = 22 µF, VO = 3.3 V
40
45
50
55
60
65
70
75
80
85
90
95
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O=1.2V
V
O=3.3V
V
I=5V, IO=100mA
40
45
50
55
60
65
70
75
80
85
90
95
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O=1.2V
V
O=3.3V
V
I=5V, IO=100mA
V
SW=1.2V
0.8
0.9
1
1.1
1.2
1.3
1.4
-75
-50
-25
0
25
50
75
100 125
150
175
T [°C]
OVP ON
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
V
SW=1.2V
0.8
0.9
1
1.1
1.2
1.3
1.4
-75
-50
-25
0
25
50
75
100 125
150
175
T [°C]
OVP ON
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
0.8
0.9
1
1.1
1.2
1.3
1.4
-75
-50
-25
0
25
50
75
100 125
150
175
T [°C]
V
SW=0.8V
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
OVP ON
0.8
0.9
1
1.1
1.2
1.3
1.4
-75
-50
-25
0
25
50
75
100 125
150
175
T [°C]
V
SW=0.8V
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
OVP ON
0
2
4
6
8
10
12
14
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
SW=0.8V
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
OVP ON
0
2
4
6
8
10
12
14
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
SW=0.8V
V
I=5V, VO=3.3V, CFB=100nF
Resistor 1.2k
Ω from V
I and VSW
OVP ON
V
O
I
O
V
O
I
O
V
INH
V
O
I
O
V
INH
V
O
I
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com