Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC866 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC866
Description  Low Driving Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC866 Datasheet(HTML) 2 Page - Sharp Corporation

  PC866 Datasheet HTML 1Page - Sharp Corporation PC866 Datasheet HTML 2Page - Sharp Corporation PC866 Datasheet HTML 3Page - Sharp Corporation PC866 Datasheet HTML 4Page - Sharp Corporation PC866 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*3 For 10 seconds
PC866 Series
( Ta = 25˚C)
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
80
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
*2Isolation voltage
P tot
200
mW
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
( Ta = 25˚C)
*1 Pulse width <=100
µs, Duty ratio : 0.001
s Electoro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 10mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 24V, I F = 0
-
-
100
nA
Collector-emitter breakdown voltage
BV CEO
IC = 0.1mA, I F = 0
80
-
-
V
Emitter-collector breakdown voltage
BV ECO
IE =10
µA, I F =0
6
-
-
V
Transfer
charac-
teristics
IF = 1mA, V CE = 0.5V
-
-
Collector-emitter saturation voltage
V CE(sat)
IF = 1mA, I C = 0.2mA
-
-
0.4
V
Isolation resistance
R ISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
VCE = 5V, I C = 2mA, R L = 100
Ω
- 3dB
-
50
-
kHz
Response time
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-8
-
µ s
Fall time
tf
-8
-
5 000
V rms
*2 40 to 60% RH, AC for 1 minute
CTR
DC500V, 40 to 60% RH
100
%
Current transfer ratio



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com