Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6336SSGTR Datasheet(PDF) 21 Page - MOSA ELECTRONICS

Part # MS6336SSGTR
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336SSGTR Datasheet(HTML) 21 Page - MOSA ELECTRONICS

Back Button MS6336SSGTR Datasheet HTML 13Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 14Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 15Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 16Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 17Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 18Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 19Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 20Page - MOSA ELECTRONICS MS6336SSGTR Datasheet HTML 21Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
21/21
www.mosanalog.com
Circuit
+
C3
0.1u
C11
0.82u
+
C4
1u
1
2
J2
AVCC
SP1
SPK_R
SP2
SPK_L
DVDD
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U1
AT89C4051
VS
1
IR
3
GND
2
Q1
IR
+
C1
47u
+ C5
470P
R1
220
R2
10K
Y1
24M
C6
20P
C7
20P
R4
10K
+ C2
10u
S1
RST
DGND
IR_IN
DGND
1
2
3
4
J3
DAC_IN
AGND
IR_IN
SCL
SDA
SCL
SDA
R7
1K
R8
1K
R9
1K
1
2
J1
DVDD
+
C9
0.1u
+
C10
1u
HP-IN
1
HP-R
2
R
3
HP-L
4
L
5
G
6
HEADPHONE
+
C16
100u
+
C15
100u
R11
1K
R10
1K
1
2
3
J5
OUT
R6
100K
HP_IN
+
C12
1u
+
C13
1u
+
C8
1u
W2
Jumper
DGND
AGND
D1
POWER
R3
1K
W1
JUMP
AVCC
R5
100K
WS
1
BCK
2
CAP
3
AVss
4
-OUTR
5
PVDDR
6
+OUTR
7
PVSSR
8
PVSSL
9
+OUTL
10
PVDDL
11
-OUTL
12
AVDD
13
SDA
14
SCL
15
DATA
16
U2
MS6336
+
C14
1u
1
Q2
NMOS
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com