Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6337 Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6337 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337 Datasheet HTML 14Page - MOSA ELECTRONICS MS6337 Datasheet HTML 15Page - MOSA ELECTRONICS MS6337 Datasheet HTML 16Page - MOSA ELECTRONICS MS6337 Datasheet HTML 17Page - MOSA ELECTRONICS MS6337 Datasheet HTML 18Page - MOSA ELECTRONICS MS6337 Datasheet HTML 19Page - MOSA ELECTRONICS MS6337 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
16/20
www.mosanalog.com
EXTERNAL DIMENSIONS
SSOP24
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
1.35
1.6
1.75
0.053
0.064
0.069
A1
0.1
-
0.25
0.004
-
0.010
A2
-
1.45
-
-
0.057
-
B
0.2
0.25
0.30
0.008
0.010
0.012
C
0.19
-
0.25
0.007
-
0.010
D
8.55
-
8.75
0.337
-
0.344
E
5.8
6.0
6.2
0.228
0.236
0.244
E1
3.8
3.9
4.0
0.150
0.153
0.157
e
0.640 BASIC
0.025 BASIC
L
0.40
-
1.27
0.016
-
0.05
θ
0
o
-
8
o
0
o
-
8
o
y
-
-
0.10
-
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com