Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6336SSGU Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6336SSGU
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336SSGU Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6336SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
10/21
www.mosanalog.com
I
2C CONTROL INTERFACE
Data are transmitted to and from the MCU and MS6336 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
V
DD
MCU
MS6336
I
2C interface protocol
The format consists of the following:
•A START condition
•A chip address byte including the chip address. (7bits)
•The 8
th bit of the byte must be “0”.(write=0, read=1)
•The chip must always acknowledge the end of each transmitted byte.
•A data sequence (N-bytes + Acknowledge)
•A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R / W
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
I
2C chip address
88H
1
0
0
0
0
0
1
0
7 bits address
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com