Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6336 Datasheet(PDF) 19 Page - MOSA ELECTRONICS

Part # MS6336
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336 Datasheet(HTML) 19 Page - MOSA ELECTRONICS

Back Button MS6336 Datasheet HTML 13Page - MOSA ELECTRONICS MS6336 Datasheet HTML 14Page - MOSA ELECTRONICS MS6336 Datasheet HTML 15Page - MOSA ELECTRONICS MS6336 Datasheet HTML 16Page - MOSA ELECTRONICS MS6336 Datasheet HTML 17Page - MOSA ELECTRONICS MS6336 Datasheet HTML 18Page - MOSA ELECTRONICS MS6336 Datasheet HTML 19Page - MOSA ELECTRONICS MS6336 Datasheet HTML 20Page - MOSA ELECTRONICS MS6336 Datasheet HTML 21Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
19/21
www.mosanalog.com
DEMO BOARD
Function description
Label 1: Supply Input
Supply voltage range is 2.4V to 6.5V.
Label 2: Reset
All I/O pins are reset to default values.
Label 3: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 4: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 5: Digital Signal Input
Connected to digital audio formats as I2S, Right Justified and Left Justified.
Label 6: LED Indicator
The LEDs indicate the chip status and IR received status. It keeps on a light state when the MS6336 is active. The other
hand, keeps on a dark state when the MS6336 is power-off. It is red-dark blink once when the MCU has received the
function code correctly.
SE mode and BTL mode operation
The headphone controls operational mode. System enters SE mode when headphone jack is empty.
When a set of headphone plugged into the jack, the system switched to BTL mode.
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com