Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6337GU Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6337GU
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337GU Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6337GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
2/20
www.mosanalog.com
PIN CONFIGURATION
SSOP24
Symbol
Pin
Description
PVDDL
1
Positive supply voltage for left channel of power amplifier
LOUT/BTL-
2
SE left channel output or negative output of BTL
AVSS
3
Negative supply voltage
PVSSL
4
Negative supply voltage for left channel of power amplifier
LIN
5
Left channel input
SD_MODE
6
The shutdown mode selects the shutdown logic level of the SD pin.
SD
7
SD_MODE = 0, the device is shutdown when SD is logic low.
SD_MODE = 1, the device is shutdown when SD is logic high.
AVSS
8
Negative supply voltage
DVSS
9
Digital Ground
/DAC_SD
10
DAC shutdown pin. /DAC_SD=0, DAC is shutdown. /DAC_SD=1, DAC is Active.
DATA
11
Audio data input
WS
12
Audio word select input
BCK
13
Audio bit clock input
FORMAT
14
Audio format. FORMAT=0, I2S format. FORMAT=1, Right justified format.
DVDD
15
Digital Positive supply voltage
AVDD
16
Analog Positive supply voltage
/CAP_DC
17
CAP discharge. This pin is functional only as the system is shutdown.
HPIN
18
Headphone input detection.(refer to Page.14 for detection levels)
A logical low sets BTL mode, a logical high sets SE mode.
CAP
19
Capacitor connected
RIN
20
Right channel input
PVSSR
21
Negative supply voltage for right channel of power amplifier
ROUT
22
SE right channel output
PVDDR
23
Positive supply voltage for right channel of power amplifier
BTL+
24
Positive output of BTL
PVDDR
23
22
21
24
2
3
4
1
BTL+
ROUT
PVSSR
PVDDL
LOUT/BTL-
AVSS
PVSSL
19
18
17
20
6
7
8
5
CAP
LIN
SD
16
15
9
10
AVSS
RIN
SD_MODE
DVSS
DAC_SD
CAP_DC
HPIN
AVDD
DVDD
14
13
11
12
DATA
WS
FORMAT
BCK
MS6337, SSOP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com