Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6544GU Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6544GU
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6544GU Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6544GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 2
3/9
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, Vo=2Vpp, f=1kHz, AV=1, RL=32; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
Mute On
-
1.5
1.6
mA
IQ
Quiescent current
Vo=0Vpp
2 channels
Mute Off
3.7
3.9
4.1
mA
Mute on
0
-
1
V
VTM
Mute control voltage
Mute off
3.3
-
VDD
V
MS6544 : 6dB
5
6
7
dB
GVC
Voltage Gain
MS6541 : 0dB
-1
0
1
dB
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
57
60
-
dB
CS
Channel separation
Vo=0dBV
100
117
-
dB
ATT
Mute attenuation
Vo=0dBV
100
115
-
dB
AC Characteristics
S/N
Signal-to-noise
Vo=4Vpp
95
99
-
dB
THD+N
Total harmonic distortion
plus noise
Vo=2Vpp
-
-64
-62
dB
SR
Slew rate
Unity gain inverting
-
5
-
V/
s
Po
Maximum output power
(THD+N)/S<0.1
, 2 ch
130
140
-
mW
VO
Maximum output voltage swing
(THD+N)/S<0.1
4.1
4.2
-
Vpp
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, Vo=2Vpp, f=1kHz, AV=1, RL=32; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
Mute On
-
1.3
1.4
mA
IQ
Quiescent current
Vo=0Vpp
2 channels
Mute Off
-
3.3
3.5
mA
Mute on
0
-
1
V
VTM
Mute control voltage
Mute off
2.7
-
VDD
V
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
57
60
-
dB
CS
Channel separation
Vo=0dBV
100
115
-
dB
ATT
Mute attenuation
Vo=0dBV
100
115
-
dB
AC Characteristics
S/N
Signal-to-noise
Vo=2.6Vpp
93
97
-
dB
THD+N
Total harmonic distortion
plus noise
Vo=2Vpp
-
-64
-62
dB
Po
Maximum output power
(THD+N/S)<0.1
, 2 ch
49
52
-
mW
VO
Maximum output voltage swing
(THD+N)/S<0.1
2.5
2.6
-
Vpp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com