Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC906 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 4 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PC906
Input
waveform
TT
IF = ± 4mA
IF = 0mA
90%
10%
1.5V
t
tr
tPLH
tPHL
waveform
VO
(Note ) T >= 50ms
waveform
waveform
SW at B, I F = ± 4mA
waveform
SW at A, I F = 0mA
VO(MAX.) = 0.8V
GND
VOH
GND
VOL
GND
Input
waveform
10ns
90%
50%
10%
10ns
1
µ s
1ms
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
CRT
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
CRT
SW
B
A
0.1
µ F
0.1
µ F
CRT
RL
47
Ω
47
Ω
VCM
+
-
RL
RL
0.1
µ F
VO
CML, V O
VCM
Fig. 7
Fig. 8
Fig. 9
VCM(peak)
CMH, V O
f
(MIN.) = 2.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com