Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912X Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC912X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC912X Datasheet(HTML) 2 Page - Sharp Corporation

  PC912X Datasheet HTML 1Page - Sharp Corporation PC912X Datasheet HTML 2Page - Sharp Corporation PC912X Datasheet HTML 3Page - Sharp Corporation PC912X Datasheet HTML 4Page - Sharp Corporation PC912X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC912X
( Unless specified : Ta = 0 to 70˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
Ta = 25˚C, I F = 10mA
-
1.6
1.9
V
Reverse current
IR
Ta = 25˚C, V R =5V
-
-
10
µ A
Terminal capacitance
Ct
Ta = 25˚C, V F =0V
f = 1MHz
-
60
120
pF
Output
High level output voltage
V OH
IF = 0.25mA, V E = 2.0V
2.4
-
-
V
Low level output voltage
V OL
V CC = 4.5V, VE = 2.0V
IF = 5mA, I OL= 13mA
-
0.3
0.6
V
High level enable voltage
V EH
V CC = 5.5V
2.0
-
-
V
Low level enable voltage
V EL
V CC = 5.5V
-
-
0.8
V
High level enable current
I EH
V CC = 5.5V, V E = 5.5V
-
-
100
µ A
Low level enable current
IEL
V CC = 5.5V, V E = 0.5V
-
- 0.2
- 0.4
mA
High level supply current
I CCH
V CC = 5.5V, I F = 0mA
V E = 2.0V
-13
23
mA
Low level supply current
ICCL
V CC = 5.5V, I F = 10mA
V E = 2.0V
-15
25
mA
current
ICCZ
V CC = 5.5V, V E = 0V
-
16
26
mA
Output leak current
I OH
V CC = 5.5V, V E = 2.0V
V O = 5.5V, I F = 0.25mA
-
-
100
µ A
current
I OZH
V CC = 5.5V, V E = 0.4V
-
-
100
µ A
Output short-circuit current
IOS
V CC = 5.5V, V O =0V
IF = 0mA
-10
-
-50
mA
I FHL
V CC =5V
V E = 2.0V
-
2.5
5
mA
I FLH
0.5
1.9
-
mA
Hysteresis
I FLH /I FHL
0.55
-
0.95
-
R ISO
Ta = 25˚C, DC = 500V
40 to 60% RH
5x 1010
1011
-
Ω
Floating capacitance
Cf
Ta = 25˚C, V = 0V
f=1MHz
-
0.6
5
pF
Response
time
delay time
t PHL
-40
55
delay time
t PLH
-40
55
T w
--
15
Rise/fall time
t r , t f
-15
30
t EHL
R L = 350
Ω, CL = 15pF
IF = 7.5mA, V EH =3V
-40
70
t ELH
-40
70
CMR
Instantaneous common
mode rejection voltage
( High level output )
CMH
V CM = 50V, IF = 0mA
-
Instantaneous common
mode rejection voltage
( Low level output)
CML
V CM = 50V, IF = 5mA
-
s Electro-optical Characteristics
V CC = 4.5V, I OH = - 2mA
High impedance supply
High impedance output
Isolation resistance
“High
→Low” threshold input current
“Low
→High” threshold input current
“ High
→Low” propagation
“ Low
→High” propagation
Pulse width distortion
t PHL -t PLH
propagation delay time
“ High
→Low” enable
propagation delay time
“ Low
→High” enable
10ms or less
Ta = 25˚C
V CC =5V
CL = 15pF
IF = 7.5mA
*6
Ta = 25˚C, VCC =5V
Ta = 25˚C, VCC =5V
Ta = 25˚C, VCC =5V
V EL = 0V, *7
V O( Min ) = 2V, *8
VO( Max ) = 0.8V, *8
V/
µ s
V/
µ s
ns
ns
ns
ns
ns
ns
*6 Refer to Fig. 1 *7 Refer to Fig. 2 *8 Refer to Fig. 3
All typical values are at Ta = 25˚C, VCC = 5V.
Transfer
teristics
charac-
3 000
10 000
- 3 000
10 000
∆



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com