Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6714SSGU Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6714SSGU
Description  4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6714SSGU Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6714SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6714SSGU Datasheet HTML 18Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MOSA
MS6714
4 Stereo Inputs / 1 Stereo Output Audio Processor
REV 3
16/18
www.mosanalog.com
DEMO BOARD
The demo board used IR technique controller to control the MS6714. The default states of demo board are Stereo 4,
Input Gain 0dB, Volume –20dB, Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB.
Label 1: Supply Voltage
The AVDD and DVDD should be the same supply voltage, the supply range is 2.7 ~ 6.5 VDC.
Label 2: LED Indicator
The LED indicates the power status and the IR received status. It is red-dark blink once when the MCU has received the
function code correctly.
Label 3: Output Section
Please connected to a post-power-amplifier, as active speaker.
Label 4: Input Section
There are four stereo inputs in the section. Please input stereo audio signal, as music or sine wave.
Label 5: MCU Reset
The MS6714 will be loaded the default values by MCU. The default states of demo board are Stereo 4, Input Gain 0dB,
Volume –20dB, Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB.
1
2
3
1
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com