Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6821 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6821 Datasheet HTML 1Page - MOSA ELECTRONICS MS6821 Datasheet HTML 2Page - MOSA ELECTRONICS MS6821 Datasheet HTML 3Page - MOSA ELECTRONICS MS6821 Datasheet HTML 4Page - MOSA ELECTRONICS MS6821 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
3/29
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
28Pin SOP (lead free)
MS6821GTR
MS6821G
1k Units Tape and Reel
28Pin SOP (lead free)
MS6821GU
MS6821G
25 Units Tube
28Pin TSSOP (lead free)
MS6821TGTR
MS6821G
2.5k Units Tape and Reel
28Pin TSSOP (lead free)
MS6821TGU
MS6821G
50 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
SOP28
TSSOP28 (enhance thermal pad)
210
51
℃
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com