Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6894 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6894
Description  Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6894 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

  MS6894 Datasheet HTML 1Page - MOSA ELECTRONICS MS6894 Datasheet HTML 2Page - MOSA ELECTRONICS MS6894 Datasheet HTML 3Page - MOSA ELECTRONICS MS6894 Datasheet HTML 4Page - MOSA ELECTRONICS MS6894 Datasheet HTML 5Page - MOSA ELECTRONICS MS6894 Datasheet HTML 6Page - MOSA ELECTRONICS MS6894 Datasheet HTML 7Page - MOSA ELECTRONICS MS6894 Datasheet HTML 8Page - MOSA ELECTRONICS MS6894 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOSA
MS6894
Mono 1.1W Fully Differential Power Amplifier with Shutdown Selection
REV 1
7/9
www.mosanalog.com
EXTERNAL DIMENSIONS
MSOP10 (Thermal Pad)
A
A1
B
C
L
D
H
E
A2
Thermal Pad
e
W1
W2
θ
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.81
0.92
1.12
0.032
0.036
0.044
A1
0.05
-
0.15
0.002
-
0.006
A2
0.76
0.86
0.97
0.030
0.034
0.038
b
0.15
0.20
0.30
0.006
0.008
0.012
c
0.13
0.15
0.23
0.005
0.006
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
H
4.70
4.90
5.10
0.185
0.193
0.201
E
2.90
3.00
3.10
0.114
0.118
0.122
e
0.50 BASIC
0.02 BASIC
L
0.40
0.53
0.66
0.016
0.021
0.026
θ
0o
-
6o
0o
-
6o
W1
1.27
-
1.52
0.050
-
0.060
W2
1.02
-
1.27
0.040
-
0.050
TAPE AND REEL
(Unit : mm)
MSOP10
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com