Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6895 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6895
Description  Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6895 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6895 Datasheet HTML 1Page - MOSA ELECTRONICS MS6895 Datasheet HTML 2Page - MOSA ELECTRONICS MS6895 Datasheet HTML 3Page - MOSA ELECTRONICS MS6895 Datasheet HTML 4Page - MOSA ELECTRONICS MS6895 Datasheet HTML 5Page - MOSA ELECTRONICS MS6895 Datasheet HTML 6Page - MOSA ELECTRONICS MS6895 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSA
MS6895
Mono 1.1W Fully Differential Power Amplifier
REV 1
1/7
www.mosanalog.com
Mono 1.1W, Fully Differential Input
Excellent PSRR, Low Voltage Operation
FEATURES
‧
PSRR at 217Hz, 80dB at 5V
‧
Operation range: 2.5V~6.5V
‧
Shutdown Current 0.1uA at 5V
‧
Output power, THD+N=1%
RL=8Ω, 1.1W at 5V, 0.4W at 3.3V, 200mW at 2.5V
‧
Unity-gain stable
‧
Space-saving SOP8, enhance thermal pad
APPLICATIONS
‧
Portable electronic devices
‧
PDAs
‧
Communication headsets
DESCRIPTION
The MS6895 is a fully differential power amplifier that can drive 1.1W of continuous average power into a mono 8Ω
bridged-tied load (BTL). Operation with 2.5V supply, it can drive 200mw into a mono 8Ω. The BTL configuration
eliminates the need for external coupling capacitors on the output in most applications. The MS6895 is unity-gain
stable and can be configured by external gain-setting resistors.
The MS6895 has good feature for portable equipment, these features include the fully differential input, low voltage
operation, micropower consumption shutdown mode, enhance thermal pad and small package SOP8, make the
MS6895 ideally suited for use in portable electronic equipments.
BLOCK DIAGRAM
-IN
BP
SD
Vo2
+IN
Bias
Vo1
V
DD
GND
1
4
2
6
5
8
3
+
-
-
+
Common
mode
7


Similar Part No. - MS6895

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6895 MOSA-MS6895 Datasheet
320Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6895GTR MOSA-MS6895GTR Datasheet
320Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6895GU MOSA-MS6895GU Datasheet
320Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
More results

Similar Description - MS6895

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6894 MOSA-MS6894 Datasheet
366Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6895 MOSA-MS6895 Datasheet
320Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
Differential Input Stereo 32-bit ADC with Excellent PSRR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com