Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6901 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6901
Description  Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6901 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6901 Datasheet HTML 1Page - MOSA ELECTRONICS MS6901 Datasheet HTML 2Page - MOSA ELECTRONICS MS6901 Datasheet HTML 3Page - MOSA ELECTRONICS MS6901 Datasheet HTML 4Page - MOSA ELECTRONICS MS6901 Datasheet HTML 5Page - MOSA ELECTRONICS MS6901 Datasheet HTML 6Page - MOSA ELECTRONICS MS6901 Datasheet HTML 7Page - MOSA ELECTRONICS MS6901 Datasheet HTML 8Page - MOSA ELECTRONICS MS6901 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MS6901
Mono 1.1W Power Amplifier with Shutdown Selection
REV 1
1/9
www.mosanalog.com
Mono 1.1W Power Amplifier
Selectable Shutdown Logic Level
Low Voltage Operation
FEATURES
Operation range: 2.5V ~ 6.5V
Shutdown Current 0.1uA at 5V
PSRR at 217Hz, 60dB at 5V
Output power, THD+N=1%
RL=8Ω, 1.1W at 5V, 0.4W at 3.3V, 200mW at 2.5V
Unity-gain stable
Space-saving MSOP10, enhance thermal pad
APPLICATIONS
Portable electronic devices
PDAs
Communication headsets
Cross-reference:
LM4901
DESCRIPTION
The MS6901 is a low distortion power amplifier that can drive 1.1W of continuous average power into a mono 8Ω
bridged-tied load (BTL). Operation with 2.5V supply, it can drive 200mw into a mono 8Ω. The shutdown may be
enabled by either logic high or logic low that depending on shutdown mode selection. The BTL configuration
eliminates the need for external coupling capacitors on the output in most applications. The MS6901 is unity-gain
stable and can be configured by external gain-setting resistors.
The MS6901 has good feature for portable equipment, these features include the low voltage operation, micropower
consumption shutdown mode, enhance thermal pad and small package MSOP10, make the MS6901 ideally suited for
use in portable electronic equipments.
BLOCK DIAGRAM
SD Mode
A2
-
+
-IN
BP
SD
Vo1
+IN
A1
-
+
Bias
control
Vo2
V
DD
GND
1
2
3
4
5
10
6
7, 9
8
-
-
+


Similar Part No. - MS6901

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69N68 BWTECH-MS69N68 Datasheet
749Kb / 6P
Dual N-Channel 20-V (D-S) MOSFET
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
More results

Similar Description - MS6901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6894 MOSA-MS6894 Datasheet
366Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com