Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC929 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC929
Description  Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC929 Datasheet(HTML) 4 Page - Sharp Corporation

  PC929 Datasheet HTML 1Page - Sharp Corporation PC929 Datasheet HTML 2Page - Sharp Corporation PC929 Datasheet HTML 3Page - Sharp Corporation PC929 Datasheet HTML 4Page - Sharp Corporation PC929 Datasheet HTML 5Page - Sharp Corporation PC929 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test Circuit Diagram
VCMwaveform
CMH, VO2 waveform
CML, VO2 waveform
VCM (Peak)
GND
VO2H
VO2L
GND
VINwaveform
VOUT waveform
∆ VO2L
∆ VO2H
50%
90%
50%
10%
tr
tf
1 2
3
8
9
10
11
12
13
14
↑ IF
V
↑
VO1L
IO1 V
CC1
VCC2
2
8
9
10
11
12
13
14
↑ IF
V
↑
VO2L
VCC
IO2
2
8
9
10
11
12
13
14
↑
V
VCC
IF
variable
2
8
9
10
11
12
13
14
V
VCC
VO2
SW
B
A
VCM
+-
2
8
9
10
11
12
13
14
↑
V
VCC
IF
V
RG
VCTH
VOUT
CG
2
8
9
10
11
12
13
14
↑ IF
V
VCC
VO2H
VO2
2
8
9
10
11
12
13
14
↑
VCC
IF
A
ICC
2
8
9
10
11
12
13
14
↑
VCC
IF
IO1L
A
2
8
9
10
11
12
13
14
↑
V
VCC
IF
RG
CG
VOE
CF
VC
RL
2
8
9
10
11
12
13
14
RG
CG
VCC
VIN
(1)(2)
(3)(4)
(5)(6)
(7)(8)
(9)(10)
SW at B, IF= 0mA
VOUT
tr = tf = 0.01 µ s
Pulse width : 5
µs
Duty ratio=50%
tpLH
tpHL
PC929
PC929
PC929
PC929
PC929
PC929
PC929
PC929
PC929
PC929
PC929
3
1
3
1
3
1
SW at A, IF = 5mA
3
1
3
1
3
1
3
1
IO2
3
1
3
1
s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com