Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ZL2103
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2103 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ZL2103 Datasheet HTML 13Page - Intersil Corporation ZL2103 Datasheet HTML 14Page - Intersil Corporation ZL2103 Datasheet HTML 15Page - Intersil Corporation ZL2103 Datasheet HTML 16Page - Intersil Corporation ZL2103 Datasheet HTML 17Page - Intersil Corporation ZL2103 Datasheet HTML 18Page - Intersil Corporation ZL2103 Datasheet HTML 19Page - Intersil Corporation ZL2103 Datasheet HTML 20Page - Intersil Corporation ZL2103 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ZL2103
17
FN6966.5
May 3, 2011
In the event of a loss of the external clock signal, the output
voltage may show transient over/undershoot. If this happens, the
ZL2103 will automatically switch to its internal oscillator and
switch at a frequency close to the previous incoming frequency.
CONFIGURATION C: SYNC AUTO DETECT
When the SYNC pin is configured in auto detect mode (CFG pin is
left OPEN), the device will automatically check for a clock signal
on the SYNC pin after enable is asserted. If a valid clock signal is
present, the ZL2103’s oscillator will then synchronize with the
rising edge of the external clock (refer to SYNC INPUT
description).
If no incoming clock signal is present, the ZL2103 will configure
the switching frequency according to the state of the SYNC pin as
listed in Table 8. In this mode, the ZL2103 will only read the
SYNC pin connection during the start-up sequence. Changes to
the SYNC pin connection will not affect fSW until the power
(VDDS) is cycled off and on again.
If the user wishes to run the ZL2103 at a frequency not listed in
Table 8, the switching frequency can be set using an external
resistor, RSYNC, connected between SYNC and SGND using
Table 9.
The switching frequency can also be set to any value between
200kHz and 1MHz using the I2C/SMBus interface. The available
frequencies are defined by
fSW = 8MHz/N, where whole number N is 8 ≤ N ≤ 40. See
Application Note AN2033 for details.
If a value other than fSW = 8MHz/N is entered using a PMBus
command, the internal circuitry will select the valid switching
frequency value that is closest to the entered value. For example,
if 810kHz is entered, the device will select 800kHz (N=10).
Note: The switching frequency read back using the appropriate
PMBus command will differ slightly from the selected value in
Table 9. The difference is due to hardware quantization.
When multiple Zilker Labs devices are used together, connecting
the SYNC pins together will force all devices to synchronize with
each other. The CFG pin of one device must set its SYNC pin as an
output and the remaining devices must have their SYNC pins set
as an input or as auto detect.
Note: Precise ramp timing mode must be disabled to use SYNC
clock auto detect.
Component Selection
The ZL2103 is a synchronous buck converter with integrated
MOSFETs that uses an external inductor and capacitors to
perform the power conversion process. The proper selection of
the external components is critical for optimized performance.
To select the appropriate external components for the desired
performance goals, the power supply requirements listed in
Table 10 must be defined.
DESIGN GOAL TRADE-OFFS
The design of the buck power stage requires several
compromises among size, efficiency and cost. The inductor core
loss increases with frequency, so there is a trade-off between a
TABLE 8. SWITCHING FREQUENCY SELECTION
SYNC PIN
FREQUENCY
LOW
200kHz
OPEN
400kHz
HIGH
1MHz
Resistor
See Table
9
TABLE 9. RSYNC RESISTOR VALUES
RSYNC
(k
Ω)
FSW
(kHz)
10
200
11
222
12.1
242
13.3
267
14.7
296
16.2
320
17.8
364
19.6
400
21.5
421
23.7
471
26.1
533
28.7
571
31.6
615
34.8
667
38.3
727
42.2
889
46.4
1000
TABLE 10. POWER SUPPLY REQUIREMENTS
PARAMETER
RANGE
EXAMPLE
VALUE
Input voltage (VIN)4.5V to
14.0V
12V
Output voltage (VOUT)0.6V to
5.0V
3.3V
Output current (IOUT)
0A to 3A
2A
Output voltage ripple (Vorip)
< 3% of
VOUT
±1% of VOUT
Output load step (Iostep)< Io
±25% of Io
Output load step rate
-
2.5A/µs
Output deviation due to load step
-
±3% of VOUT
Maximum PCB temp.
+120°C
+85°C
Desired efficiency
-
85%
Other considerations
-
Optimize for small
size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com