Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3151F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD3151F
Description  Position Sensitive Detector with Location Hole (PSD *)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD3151F Datasheet(HTML) 2 Page - Sharp Corporation

  PD3151F Datasheet HTML 1Page - Sharp Corporation PD3151F Datasheet HTML 2Page - Sharp Corporation PD3151F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
LI1 -I2
I1 +I2
λ = 830nm
90%
10%
tr
tf
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VR
IR =10
µ A30
-
-
V
Id
V R =1V
-
-
nA
IL
V R = 1V, EV = 1000 lx
-
µ A
Ct
V R
-30
pF
P
--
-
tr , t f
V R = 1V, RL =1k
-30
µ s
Rie
V R = 1V, Va = 0.5V
k
--
-
± 25
µ m
-
-
R
-
-
0.5
-
A/W
Reverse voltage
Dark current
Collector current
Terminal capacitance
Peak sensitivity wavelength
Response time
Resistance between electrodes
Error of position detection
Sensitivity
Forward voltage
V F
I = 1mA
F
V
1.0
Input
Output
Input
Laser diode
*3
*4
(Ta=25 ˚C)
Fig. 1 Spectral Sensitivity
Fig. 2 Dark Current vs. Ambient Temperature
PD3151F
Sensitivity wavelength range
λ
λ
-
*2
= 1V, f = 10kHz
6
770
320
10
-
400
1.5
1130
480
nm
nm
RL= 1kΩ
VR
VR
L : Length of light detector surface =1.5mm
-
10
940
5
Ev : Illuminance by CIE standard light source A (tungsten lamp)
*2 I L=I1+I2
where, I and I
are collector current of A1 and A2 respectively.
12
*4 75% area from detecting portion center to the edge of detecting portion
Definition of error of position detection
: Error of position detection of each incident light position is defined by the following formula, if electrical center position is I = I .
12
*3 Test circuit for response time is shown below.
Error of position detection (
µm) =
x
- Incident light position (
µm)
Ambient temperature Ta (˚C)
0
- 25
255075
100
10-14
10-13
10-12
10-11
10-10
10-9
10-8
10-7
10-6
VR=1V
Wavelength
λ (nm)
600
700
800
900
1000
1100
1200
0
20
40
60
80
100
120
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com