Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD410PI Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD410PI
Description  High Speed Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD410PI Datasheet(HTML) 1 Page - Sharp Corporation

  PD410PI Datasheet HTML 1Page - Sharp Corporation PD410PI Datasheet HTML 2Page - Sharp Corporation PD410PI Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD410PI
PD410PI
High Speed Photodiode
s Features
1. Peak sensitivity wavelength matching
2. Built-in visible light cut-off filter
s Applications
1. Infrared remote controllers for TVs,
VCRs, audio equipment and air condi-
tioners, etc.
2.4
2.54
0.45
Detector
0.4
0.5
2.0 ± 0.2
1.5
R1.75
s Outline Dimensions
(Unit : mm)
s Absolute Maximum Ratings
(Ta = 25˚C )
(Ta = 25˚C )
1
2
12
1 Anode
2 Cathode
*1 For 5 seconds at the position of 2.15mm from the bottom face of resin package
s Electro-optical Characteristics
Parameter
Symbol
Rating
Unit
Reverse voltage
V R
32
V
Power dissipation
P
150
mW
Operating temperature
Topr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*1 Soldering temperature
Tsol
260
˚C
center
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Shortcircuit current
ISC
2.5
3.0
4.5
µA
Short-circuit current temperature coefficient
β T
-
0.2
-
% /˚C
Dark current
Id
-
0.5
10
nA
Dark current temperature coefficient
T
-
3.5
5.0
times/10˚C
Terminal capacitance
C t
-
-
-
-
20
35
pF
Peak sensitivity wavelength
λ p
1000
-
nm
Peak spectral sensitivity
K
1
-
A/W
Half intensity angle
∆θ
-
± 45
-
Response time
t r , t f
-
200
-
ns
Conditions
VR= 10V, E V=0
VR= 10V, E V=0
VR= 3V, f= 1MHz
λ = 1000nm
RL=1k
Ω , VR= 10V
-
with infrared LED(
λ p= 1 000nm )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
α
4.0± 0.2
˚
E V= 100 lx
E V= 100 lx


Similar Part No. - PD410PI

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD410PI2E00F SHARP-PD410PI2E00F Datasheet
65Kb / 4P
High Speed Photodiode
More results

Similar Description - PD410PI

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD413PI SHARP-PD413PI Datasheet
43Kb / 3P
High Speed Type Photodiode
PD49PI SHARP-PD49PI Datasheet
40Kb / 3P
High Speed, High Sensitivity Photodiode
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
Sharp Corporation
PD410PI2E00F SHARP-PD410PI2E00F Datasheet
65Kb / 4P
High Speed Photodiode
PD481PIE000F SHARP-PD481PIE000F Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
logo
Marktech Corporate
MTPD1346_010 MARKTECH-MTPD1346_010 Datasheet
502Kb / 2P
High Speed InGaAs PIN Photodiode
MTPD1346-200 MARKTECH-MTPD1346-200_15 Datasheet
552Kb / 2P
High Speed InGaAs PIN Photodiode
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
SFH-2701 OSRAM-SFH-2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com