Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B125FD Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # B125FD
Description  Fast Switching Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B125FD Datasheet(HTML) 1 Page - Diotec Semiconductor

  B125FD Datasheet HTML 1Page - Diotec Semiconductor B125FD Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B40FD ... B380FD
B40FD ... B380FD
Fast Switching Si-Bridge-Rectifiers
Schnelle Si-Brückengleichrichter
Version 2009-01-07
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Alternating input voltage
Eingangswechselspannung
40...380 V
Plastic case DIL
Kunststoffgehäuse DIL
8.3 x 6.4 x 3.1
[mm]
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: plastic tubes
Standard Lieferform: Plastik-Schienen
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
B40FD
40
80
B80FD
80
160
B125FD
125
250
B250FD
250
600
B380FD
380
800
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid per diode – Gültig pro Diode
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
8.6
±0.4
7.5
0.5
1.3
5.1
~
~
+
Type
Typ
8.5
±0.3


Similar Part No. - B125FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B125FD DIOTEC-B125FD Datasheet
141Kb / 2P
Fast Switching Si-Bridge Rectifiers
logo
Semikron International
B125FD SEMIKRON-B125FD Datasheet
161Kb / 2P
Fast Switching Si-Bridge Rectifiers
More results

Similar Description - B125FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FD DIOTEC-B40FD Datasheet
141Kb / 2P
Fast Switching Si-Bridge Rectifiers
B40FS DIOTEC-B40FS Datasheet
140Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40FD SEMIKRON-B40FD Datasheet
161Kb / 2P
Fast Switching Si-Bridge Rectifiers
B40FS SEMIKRON-B40FS Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
D-BY228G DIOTEC-D-BY228G Datasheet
69Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_10 Datasheet
120Kb / 2P
Fast switching Surface Mount Si-Bridge-Rectifiers
D-BY228G DIOTEC-D-BY228G_11 Datasheet
96Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com