Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC3500I Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC3500I
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC3500I Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC3500I Datasheet HTML 1Page - Diotec Semiconductor KBPC3500I Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3500I ... KBPC3510I
KBPC3500I ... KBPC3510I
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2009-06-09
Dimensions - Maße [mm]
Nominal current
Nennstrom
35 A
Alternating input voltage
Eingangswechselspannung
35...700 V
Case – Gehäuse
28.6 x 28.6 x 7.3 [mm]
Weight approx. – Gewicht ca.
17 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
KBPC3500I
35
50
KBPC3501I
70
100
KBPC3502I
140
200
KBPC3504I
280
400
KBPC3506I
420
600
KBPC3508I
560
800
KBPC3510I
700
1000
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 2)
Peak forward surge current 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
375 A
Peak forward surge current 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid per diode – Gültig pro Diode
2
Valid, if the temperature of the case is kept to TC = 120°C – Gültig, wenn die Gehäusetemperatur auf TC = 120°C gehalten wird
© Diotec Semiconductor AG
http://www.diotec.com/
1
7.3
Ø 1.2
Ø 5.2
+ ~
5
5
5
=
=
~
28.6±0.2
2.0±0.5


Similar Part No. - KBPC3500I

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC3500I DIOTEC-KBPC3500I Datasheet
252Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
KBPC3500I SEMIKRON-KBPC3500I Datasheet
199Kb / 2P
Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
KBPC3500I DIOTEC-KBPC3500I Datasheet
97Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3500IP DIOTEC-KBPC3500IP Datasheet
208Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3500I DIOTEC-KBPC3500I_07 Datasheet
97Kb / 2P
Silicon-Bridge-Rectifiers
More results

Similar Description - KBPC3500I

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com