Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ2CF1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ2CF1
Description  TO-220 Package, Step Up Output Chopper Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2CF1 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ2CF1 Datasheet HTML 1Page - Sharp Corporation PQ2CF1 Datasheet HTML 2Page - Sharp Corporation PQ2CF1 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Chopper Regulators
PQ2CF1
Parameter
Symbol
Conditions
Unit
MAX.
TYP.
MIN.
-
1.235
-
-
-
-
40
-
90
2.7
-80
-150
0.55
1.65
0.3
0.1
-
-
0.6
1.26
±0.5
0.1
0.2
85
50
±5
-
4.4
-50
-100
0.75
1.85
0.45
0.2
270
4.0
1.2
1.285
-
1.5
1.5
-
60
-
-
5.8
-20
-50
0.95
2.05
0.6
0.3
400
12
s Electrical Characteristics
(Unless otherwise specified, conditions shall be VIN=5V,Io=0.2A,VC=12V, Ta=25˚C)
VSAT
Vref
∆Vref
|RegL|
|RegI|
η
fo
∆fo
DMAX
IL
ICHG1
ICHG2
VTHL
VCH
VCL
VTHON
ISD
IqS
V
V
%
%
%
%
kHz
%
%
A
µA
µA
V
V
V
V
µA
mA
ISW=2A
-
Tj=0 to 125˚C
IO=70 to 570mA
VIN=3.5 to 10V
IO=0.5A
-
Tj=0 to 125˚C
5 terminal is open
Duty=50%,
4 terminal=0V, 4 terminal
4 terminal=0.5V, 4 terminal
Duty=0%, 4 terminal
1 terminal is open, 5 terminal=1.1V
1 terminal is open, 5 terminal=1.4V
1 terminal is open, 4 terminal
VIN=35V, 4 terminal=0V,No L,CO,
D,R1,R2
VIN=35V, 4 terminal=0.5V,No L,
CO,D,R1,R2
Output saturation voltage
Reference voltage
Temperature change in reference voltage
Load regulation
Line regulation
Efficiency
Oscillation frequency
Oscillation frequency temperature fluctuation
Maximum duty
Over current detecting level
Charge current 1
Charge current 2
Input threshold voltage
Vc terminal low level voltage
Vc terminal high level voltage
On threshold voltage
Stand-by current
Output OFF-state consump-tion current
Fig.1
Test Circuit
Fig.2
Power Dissipation vs. Ambient
Temperature
,,
,,
,,
,,
20
0
5
10
15
-20
0
20
40
60
100
80
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
Note) Oblique line portion : Overheat
protection may operate in this area.
VIN
ISD
IQS
CIN
100
µF
0.047
µF
CO
470
µF
R1
1k
R2
IO
VO
+
+
q
3
q
1
q
2
q
4
q
5
A
L
90
µH
L : HK-12S100-9000 (made by Toho Co.)
D : ERC80-004 (made by Fuji electronics Co.)
D
PQ2CF1
1k
s Block Diagram
VSW
VIN
+
-
+
-
F/F
Q
R
S
Voltage
regulator
circuit
COMP.
Vref
OADJ
VC
COM
ON/OFF
circuit
Soft start
Oscillator
Low voltage
malfunction
prevention circuit
Overcurrent
protection
circuit
Overheat
protection
circuit
Error amp.
Amp.
5
1
3
4
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com