Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT495F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT495F
Description  Intermediate Acceptance High Sensitivity Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT495F Datasheet(HTML) 2 Page - Sharp Corporation

  PT495F Datasheet HTML 1Page - Sharp Corporation PT495F Datasheet HTML 2Page - Sharp Corporation PT495F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IC
V CE
EV
0.2
0.8
mA
ICEO
V CE = 10V, E e =0
--
10 -6
A
V CE(sat)
IC = 0.8mA,
-
-
1.0
V
Ee
λ p
-
860
-
nm
tr
V CE = 2V, I C = 5mA
-
µs
tf
RL = 100
Ω
θ
-
80
70
400
350
±40
-
(Ta=25˚C)
- 25
0
20
10
30
50
40
60
80
70
25
0
50
100
75
85
75
50
- 25
50
0
25
75
100
175
150
125
100
- 25
0
25
50
75
100
5
10 -10
10 -9
5
10 -8
5
10 -7
5
10 -6
5
10 -5
5
10 -4
10 -11
5
5
10-1
10
25
25
1
2
5
20
50
VCE
= 10V
VCE =2V
EV
Ta = 25˚C
VCE =2V
˚
1
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
*2
*2
Collector current
Dark current
Collector-emitter saturation voltage
Peak sensitivity wavelength
Response time
Half intensity angle
Rise
Fall
Fig. 1 Collector Power Dissipation vs.
Ambient temperature
Fig. 2 Dark Current vs. Ambient temperature
Fig. 4 Collector Current vs. Irradiance
Fig. 3 Relative Collector Current vs.
Ambient temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Irradiance Ee ( mW/cm2)
PT495F
= 2 lx
-
-
-
-
= 2 1x
= 2V,
= 1mW/cm2
*2 E , E : Illuminance, irradiance by CIE standard light source A (tungsten lamp)
ve
∆
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com