Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT501 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PT501
Description  TO-18 Type Narrow Acceptance Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT501 Datasheet(HTML) 4 Page - Sharp Corporation

  PT501 Datasheet HTML 1Page - Sharp Corporation PT501 Datasheet HTML 2Page - Sharp Corporation PT501 Datasheet HTML 3Page - Sharp Corporation PT501 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Output
VCC
RL
Output
VCC
RBE
1k
Ω
Input
Output
td
tr
ts
10%
90%
Test Circuit for Response Time
( Ta = 25˚C)
- 80˚
- 90˚
- 60˚
- 70˚
- 50˚
- 40˚
- 30˚
+ 80˚
+ 90˚
+ 10˚
80
20
40
60
- 10˚
- 20˚
0˚
100
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 20˚
+ 30˚
0
0123
0
0.2
0.4
0.6
0.8
PT501/PT510
Voltage vs. Irradiance
T a = 25˚C
( PT501 has no base terminal. )
tf
Correspond to Fig. 7
Correspond to Fig. 8
Fig. 9 Sensitivity Diagram
Angular displacement
θ
Fig.10 Collector-emitter Saturation
Irradiance E e ( mW/cm
2 )
q
Please refer to the chapter “ Precautions for Use.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com