Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101S05V Datasheet(PDF) 2 Page - Sharp Corporation

Part # S101S05V
Description  SIP Type SSR with Mounting Capability for External Heat Sink
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S05V Datasheet(HTML) 2 Page - Sharp Corporation

  S101S05V Datasheet HTML 1Page - Sharp Corporation S101S05V Datasheet HTML 2Page - Sharp Corporation S101S05V Datasheet HTML 3Page - Sharp Corporation S101S05V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electrical Characteristics
(Ta = 25˚C )
Parameter
Input
Foward voltage
Reverse current
RMS ON-state current
Holding current
Minimum trigger
current
Isolation resistance
Zero-cross voltage
Turn-on time
Turn-off time
Critical rate of rise of com-
mutating OFF-state voltage
Conditions
IF = 20mA
V R =3V
V D =V DRM
V D = 2/3V DRM
Tj = 125˚C, VD = 400V
dI t/d t = -1.5A/ms
V D = 12V, R L =30
Ω
VD = 6V, R L =30
Ω
IF = 15mA
AC50Hz
AC50Hz
-
-
Thermal resistance
( Between junction and case )
Thermal resistance
( Between junction and ambience )
IT = 1.5A rms
-
Symbol
V F
IR
I DRM
V T
IH
I FT
R ISO
VOX
t on
t off
R th(j-c)
R th(j-a)
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
--
10 -4
A
--
A
-
-
1.5
V rms
-
-
50
mA
30
-
-
V/
µ s
4-
-
V/
µ s
-15
mA
-15
1010
--
Ω
35
V
--
--
35
--
1
ms
--
10
--
10
ms
--
10
-
6
-
˚C/W
-
45
-
˚C/W
Output
Transfer
charac-
teristics
10 -4
S101S05V/S101S06V/S201S05V/S201S06V
Critical rate of rise of OFF-state voltage
Repetitive peak OFF-state current
S101S05V/ S201S05V
S101S06V/ S201S06V
S101S06V
S201S06V
S101S05V/ S201S05V
S101S06V/ S201S06V
S101S05V/ S201S05V
S101S06V/ S201S06V
Ambient temperature T a (˚C)
- 25
0
25
50
45
75
100
125
0
1
2
3
4
5
Al plate
SSR
(1)
(2)
Without
heat sink
- 25
60
70
80
90
100
110 120
130
0
1
2
3
4
5
125
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Note ) With the Al heat sink set up vertically,
install it as shown in the figure
Apply thermal conductive silicone grease
cooling shall not be carried out.
Fig. 2 RMS ON-state Current vs.
Case Temperature
(1 ) With heat sink ( Al 100 x 100 x t 2mm)
(2 ) With heat sink (Al 50 x 50 x t 2mm)
-
-
on the heat sink mounting plate. Forcible
dV/dt
(dV/dt)C
Torque : 0.4N • m
DC500V, 40 to 60 % RH
Case temperature T c ( ˚C)
Resistance load, I F = 20mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com